Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download BAT54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 / A / C / S
Surface Mount Schottky Barrier Diode
Voltage Range 30 Volts 200m Watts Power Dissipation
Features
Low turn-on voltage Fast switching PN junction guard ring for transient and ESD protection
SOT-23
0.020(0.51) 0.015(0.37)
0.055(1.40) 0.047(1.19)
0.098(2.50) 0.083(2.10)
Mechanical Data
Case: SOT-23, Molded plastic Terminals: Solderable per MIIL-STD-202, Method 208 Marking & Polarity: See diagram Weight: 0.008 gram (approx.)
0.080(2.05) 0.070(1.78) 0.024(0.61) 0.018(0.45) 0.120(3.05) 0.104(2.65)
0.041(1.05) 0.047(0.89)
0.043(1.10) 0.035(0.89) 0.007(0.178) 0.003(0.076)
0.006(0.15) 0.001(0.013)
0.024(0.61) 0.018(0.45)
Dimensions in inches and (millimeters)
BAT54 Marking: LV3
BAT54A Marking: B6
BAT54C Marking: L43
BAT54S Marking: L44
Maximum Ratings Type Number
T A =25 unless otherwise specified
Symbol
VRRM VRWM VR
Value 30 200 300 600 200 500 -65 to + 125 Min 30
-
Units V mA mA mA mW O C /W O C Max
-
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current Repetitive Peak Forward Current Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air Operating and Storage Temperature Range @ t=1.0s
IF IFM IFSM Pd RJA T J, T STG Symbol V(BR)R IR
Electrical Characteristics Type Number
Reverse Breakdown Voltage (Note 1) Reverse Leakage Current (Note 1) VR=25V Forward Voltage (Note 1)
IF=0.1mA IF=1.0mA IF= 10mA IF = 30mA IF=100mA
Typ
-
VF
-
-
Cj pF trr nS Notes: 1. Short Duration Pulse Test used to Minimize Self-Heating Effect. 2. Reverse Recovery Test Conditions: IF=10mA through IR=10mA to IR=1.0mA, RL=100.
Junction Capacitance VR=0, f=1.0MHz Reverse Recovery Time (Note 2)
2.0 240 320 400 500 1000 10 5.0
Units V uA
mV
- 16 -
RATINGS AND CHARACTERISTIC CURVES (BAT54 / A / C / S)
FIG.1- POWER DERATING CURVE FIG.2- TYPICAL FORWARD CHARACTERISTICS
1000
INSTANTANEOUS FORWARD CURRENT (mA) PD, POWER DISSIPATION (mW)
200
100
C
10
0
=+
10
TJ =+ 12 5 C
TJ
100
TJ
TJ = -25 C
1
0
0
25
50
75
100
125
0.1
0
100
200
300
=
400
+2 5
C
500
600
TA, AMBIENT TEMPERATURE ( C)
Tj, INSTANTANEOUS FORWARD VOLTAGE (mV)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
VR =25V
IR, LEAKAGE CURRENT ( A)
100
10
1
0.1
0
50
100
150
Tj, JUNCTION TEMPERATURE ( C)
- 17 -


▲Up To Search▲   

 
Price & Availability of BAT54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X